|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FRONTER ELECTRONICS CO., LTD. VCTCXO FOR MOBILE PHONE FVTO321S/FVTO531S TYPE DIMENSIONS (Unit: mm) A #4 #3 #1 D #2 B F SMD5032 A B 5.00.2 3.20.2 1.5 max 3.2 1.7 0.9 0.75 SMD3225 3.20.2 2.50.2 1.2 max 1.8 1.0 0.65 0.6 PARAMETERS SPECIFICATION 13MHz /19.2MHz/ 26MHz 2.43.0V 0Vcc Clipped Sine Wave 0.8 Vp-p 1.5 mA Max -30+75 -40+85 Referenced to Vcont=1.1V +10+20ppm Vcont+1.0V -10-20ppm Vcont-1.0V 25, After Reflow Referenced to the mid point between min. and max. frequency Vcc5% 10K//10pF10% 1 Year Temperature Range A=0+70 B=-20+70 C=-30+85 Input Voltage 2.4=2.4V 2.8=2.8V 3.0=3.0V Package:SMD3225 SMD5032 Frequency Frequency Tolerance A=1.5ppm B=2.5ppm C=5.0ppm Frequency Stability A=0.5ppm B=1.0ppm C=2.5ppm 2.5ppm Max Fronter TCXO CONDITION #1 #2 #3 #4 Pin Assignment PARAMETER Frequency Range Supply voltage Control voltage Output Waveform Output Level Input Current C C D E F G Vcont GND Output Vcc Vcc F VTO 26.000 B A C 2.8 SM5S Operating Temp. Range Storage Temp. Range: Frequency Adjustment Frequency Tolerance Frequency Stability vs. Temperature vs. 2.5ppm Max 0.3ppm Max 0.2ppm Max 1.0ppm Max vs. Supply Voltage vs. vs. Load vs. Aging vs. vs. Start Up Time Phase Noise 4 msec Max <2.5ppm -110 dBc/Hz Max -130 dBc/Hz Max 100 Hz offset 1K Hz offset TEST CIRCUIT DC cut capacitor Test Point Bypass capacitor mA #4 0.1F DC Supply V Vcont #1 Vcc #3 Load Output GND #2 Resistance 10K ohm Load Capacitance 10pF Vcont input All specification subject change without notice. Address:Rm 1112-1117., Xinian Center. NO. 6021, Shennan Rd. Shenzhen Gaungdong 518040, China Tel:(86)755-83458718 Fax: (86)755-83459818 E-mial: sales@chinafronter.com G #1 #2 #4 #3 E |
Price & Availability of FVTO531S |